PART |
Description |
Maker |
LTC3827EG-1 LTC3827EG-1-PBF LTC3827EG-1-TR LTC3827 |
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
Linear Technology
|
LTC3850IUF-PBF |
Dual, 2-Phase Synchronous Step-Down Switching Controller
|
http://
|
LTC3728EG LTC3728EUH LTC3728 |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator
|
Linear Technology
|
SC2443MLTRT SC2443EVB |
Dual-Phase Single or Two Output Synchronous Step-Down Controller
|
Semtech Corporation
|
LTC1929 1929F LTC1929CG-PG LTC1929-PG LTC1929IG-PG |
2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators From old datasheet system 2 Phase Synchronous Step-down Switching Regulators
|
Linear Technology
|
LTC1709EG-9 LTC1709-9 LTC1709-8 LTC1709EG-8 170989 |
CHOKE COIL 33UH 260MA SMD From old datasheet system 2-Phase/ 5-Bit VID/ Current Mode/ High Efficiency/ Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID,Synchronous Step-Down Switching Regulators 2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1876EGTRPBF |
High Efficiency, 2-Phase, Dual Synchronous Step-Down Switching Controller and Step-Up Regulator; Package: SSOP; No of Pins: 36; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
SC2441ATETRT SC2441AEVB SC2441A |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
SC2441A09 |
1.8V to 20V Input 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
IR3623MPBF1 IR3623MTRPBF |
HIGH FREQUENCY 2-PHASE, SINGLE OR DUAL OUTPUT SYNCHRONOUS STEP DOWN CONTROLLER WITH OUTPUT TRACKING AND SEQUENCING
|
International Rectifier
|
LTC3548-2 LTC3548EDD-2 LTC3548EDD-2TR |
Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.6 A DUAL SWITCHING CONTROLLER, 2700 kHz SWITCHING FREQ-MAX, PDSO10 Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology, Corp.
|